Part Number Hot Search : 
SEL1513E AD5541JR 100AC C0805C1 ACTS630K MC100LV 17083 ZTB720J
Product Description
Full Text Search
 

To Download RS407GL-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
RS401GL THRU RS407GL
Features
* * * *
*
Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique High surge current capability Silver plated copper leads
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
RS - 4L
A
*
Maximum Ratings
* Marking:Type Number
* * *
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C UL Recognized File # E165989
+
B AC
-
MCC Catalog Number
RS401GL RS402GL RS403GL RS404GL RS405GL RS406GL RS407GL
Maximum Recurrent Peak Reverse Voltage RS401GL 50V RS402GL 100V RS403GL 200V RS404GL 400V RS405GL 600V RS406GL 800V RS407GL 1000V IF(AV) IFSM VF 4.0A
Device Marking
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
C
H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage
Notes:
TA = 50C 8.3ms, half sine
G E
D
200A
1.1V
IFM = 4.0A; TA = 25C (Note 2) TA = 25C TA = 125C
DIM A B C D E G H INCHES MIN .728 .600 .750 .236 .180 -----.048
DIMENSIONS MM MIN 18.50 15.20 19.00 6.00 4.60 -----1.20
IR
5A 100A
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7 2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
MAX .768 .640 --.256 .220 .083 .052
MAX 19.50 16.30 --6.50 5.60 2.10 1.30
NOTE
www.mccsemi.com
Revision: 8
1 of 3
2010/05/12
MCC
RS401GL thru RS407GL
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts
Figure 3 Forward Derating Curve 6.0
TM
Micro Commercial Components
Figure 2 Typical Reverse Characteristics 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 100 120 140
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 300 250 200 150
5.0
4.0
Amps
3.0
Amps
2.0
100 50
1.0
Single Phase, Half Wave 60Hz Resistive or Inductive Load 25 50 75 100 125 150
0
1
2
4
6
8 10 Cycles
20
40
60 80 100
0
0
Average Forward Rectified Current - Amperes versus Case Temperature - C
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Revision:8
www.mccsemi.com
2 of 3
2010/05/12
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;400pcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the expresse written approval of Micro Commercial Components Corporation.
www.mccsemi.com
Revison: 8
3 of 3
2010/05/12


▲Up To Search▲   

 
Price & Availability of RS407GL-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X